Part Number Hot Search : 
RG4BC CYM1464 M3062 LVCH16 0FXH155 RB551 BZX55 L643706
Product Description
Full Text Search
 

To Download STLC3065 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STLC3065
WLL SUBSCRIBER LINE INTERFACE CIRCUIT
MONOCHIP SLIC OPTIMISED FOR WLL APPLICATIONS IMPLEMENT ALL KEY FEATURES OF THE BORSHT FUNCTION SINGLE SUPPLY (5.5 TO 15.8V) BUILT IN DC/DC CONVERTER CONTROLLER. SOFT BATTERY REVERSAL WITH PROGRAMMABLE TRANSITION TIME. ON-HOOK TRANSMISSION. PROGRAMMABLE OFF-HOOK DETECTOR THRESHOLD METERING PULSE GENERATION AND FILTER INTEGRATED RINGING INTEGRATED RING TRIP DUAL 2W PORT FOR DATA/VOICE OPERATION PARALLEL CONTROL INTERFACE (3.3V LOGIC LEVEL) PROGRAMMABLE CONSTANT CURRENT FEEDER SURFACE MOUNT PACKAGE BLOCK DIAGRAM
D0 D1 D2 P1 P2
TQFP44 ORDERING NUMBERS: STLC3065Q STLC3065QTR
INTEGRATED THERMAL PROTECTION -40 TO +85C OPERATING RANGE DESCRIPTION The STLC3065 is a SLIC device specifically designed for WLL (Wireless Local Loop) application. One of the distinctive characteristics of this device is the ability to operate with a single supply voltage (from +5.5V to +15.8V) and self generate the negative battery by means of an on chip DC/DC converter controller that drives an external
DET DET1
DET2
IN PUT LOGIC AND DECODER
OUTPUT LOGIC BGND TIP1
Status and functions
TX RX ZAC1 ZAC RS ZB
LINE
LINE
TIP2 R ING1 RING2
SUPERVISION AC PROC
D RIVER
SWITCH
C REV
DC PROC
CSVR C LK R SENSE GATE VF CVCC VPOS
DC/DC
CKTTX C TTX1 CTTX2 FTTX
CONV. TTX PROC Vcc Vss
Agnd
REFERENCE
VOLT. REG. Vbat
VBAT
RTTX
CAC
ILTF R D IREF RLIM RTH
AGND
October 1999
1/27
STLC3065
DESCRIPTION (continued) MOS switch. The self generated battery voltage tracks the line resistance. In this way the power dissipation inside the device is low enough to allow the use of small SMD package (TQFP44). Other useful characteristics for application in the WLL environment are the integrated ringing generator and the dual two wire port that allows to drive two different terminal equipment whether the transmission is voice or data. When one port is transmitting the other one is idle. The control interface is a parallel type with open drain output and 3.3V logic levels. The metering pulses are generated on chip starting from two logic signals (0, 3.3V) one defines the metering pulse frequency and the other the PIN CONNECTION
VBAT1 RING1 RING2 BGND 34 33 32 31 30 29 28 27 26 25 24 23 12 RTTX 13 FTTX 14 RX 15 ZAC1 16 ZAC 17 RS 18 ZB 19 CAC 20 TX 21 VF 22 CLK CSVR ILTF RD RTH IREF RLIM AGND CVCC VPOS RSENSE GATE CREV VBAT 35
metering pulse duration. An on chip circuit then provides the proper shaping and filtering. Metering pulse amplitude and shaping (rising and decay time) can be programmed by external components. A dedicated cancellation circuit avoid possible CODEC input saturation due to Metering pulse echo. Constant current feed can be set from 20mA to 40mA. Off-hook detection threshold is programmable from 5mA to 9mA. The device, developed in BCD100II technology (100V process), operates in the extended temperature range and integrates a thermal protection that set the device in power down when Tj exceeds 140C.
TIP2
TIP1
N.C.
N.C. 39
44 D0 D1 D2 P1 P2 DET1 DET2 DET CKTTX CTTX1 CTTX2 1 2 3 4 5 6 7 8 9 10 11
43
42
41
40
38
N.C.
37
36
D96TL273B
ABSOLUTE MAXIMUM RATINGS
Symbol Vpos A/BGND Vdig Tj Vbtot (1) Positive Supply Voltage AGND to BGND Pin D0, D1, D2, P1, P2, DET, DET1, DET2 CKTTX Max. junction Temperature Vbtot=|Vpos|+|Vbat|. (Total voltage applied to the device supply pins). Parameter Value -0.4 to +17 -1 to +1 -0.4 to 5.5 150 100 Unit V V V C V
(1) Vbat is self generated by the on chip DC/DC converter and can be programmed via RF1 and RF2. RF1 and RF2 shall be selected in order to fulfil the a.m limits (see External Components Table page 13)
2/27
STLC3065
OPERATING RANGE
Symbol Vpos A/BGND Vdig Top Vbat (1) Positive Supply Voltage AGND to BGND Pin D0, D1, D2, DET, DET1, DET2, CKTTX, P1, P2 Ambient Operating Temperature Range Self Generated Battery Voltage Parameter Value 5.5 to +15.8 -100 to +100 -0.25 to 5.25 -40 to +85 -74 max. Unit V V V C V
(1) Vbat is self generated by the on chip DC/DC converter and can be programmed via RF1 and RF2. RF1 and RF2 shall be selected in order to fulfil the a.m limits (see External Components Table page 10)
THERMAL DATA
Symbol R th j-amb Parameter Thermal Resistance Junction to Ambient Typ. Value 60 Unit C/W
PIN DESCRIPTION
N. 25 34 27 16 15 17 18 20 14 19 32 41 37 42 36 28 30 29 43 Name VPOS BGND AGND ZAC ZAC1 RS ZB TX RX CAC ILTF TIP1 RING1 TIP2 RING2 RLIM RTH IREF CREV Function Positive supply input ranging from 5.5V to 15.8V. Battery Ground, must be shorted with AGND. Analog Ground, must be shorted with BGND. AC impedance synthesis. RX buffer output, the AC impedance is connected from this node to ZAC. Protection resistors image (the image resistor is connected from this node to ZAC). Balance Network for 2 to 4 wire conversion (the balance impedance ZB is connected from this node to AGND. ZA impedance is connected from this node to ZAC1). 4 wire output port (TX output). The signal is referred to AGND. If connected to single supply CODEC input it must be DC decoupled with proper capacitor. 4 wire input port (RX input); 300K input impedance. This signal is referred to AGND. If connected to single supply CODEC output it must be DC decoupled with proper capacitor. AC feedback input, AC/DC split capacitor (CAC). Transversal line current image output. 2 wire port #1; TIP wire (Ia is the current sourced from this pin). 2 wire port #1; RING wire (Ib is the current sunk into this pin). 2 wire port #2; TIP wire (Ia is the current sourced from this pin) 2 wire port #2; RING wire (Ib is the current sunk into this pin) Constant current feed programming pin (via RLIM). RLIM should be connected close to this pin and PCB layout should avoid noise injection on this pin. Off-hook threshold programming pin (via RTH). RTH should be connected close to this pin and PCB layout should avoid noise injection on this pin. Internal bias current setting pin. RREF should be connected close to this pin and PCB layout should avoid noise injection on this pin. Reverse polarity transition time control. One proper capacitor connected between this pin and AGND is setting the reverse polarity transition time. This is the same transition time used to shape the "trapezoidal ringing" during ringing injection. Internal positive voltage supply filter.
26
CVCC
3/27
STLC3065
PIN DESCRIPTION (continued)
N. 35 23 21 22 Name VBAT GATE VF CLK Function Regulated battery voltage self generated by the device via DC/DC converter. Must be shorted to VBAT1. Driver for external Power MOS transistor. Feedback input for DC/DC converter controller. Power Switch Controller Clock (typ. 125KHz). From version marked STLC3065 A5, this pin can also be connected to CVCC or AGND. When the CLK pin is connected to CVCC an internal auto-oscillation is internally generated and it is used instead of the external clock. When the CLK pin is connected to AGND, the GATE output is disabled. Voltage input for current sensing. RSENSE should be connected close to this pin and VPOS pin. The PCB layout should minimize the extra resistance introduced by the copper tracks. Control Interface: input bit 0. Control Interface: input bit 1. Control interface: input bit 2. Control Interface: port 1 selection bit Control Interface: port 2 selection bit Logic interface output of the supervision detector (active low). Logic interface output of thr linr port 1 detector (active low) Logic interface output of thr linr port 2 detector (active low) Battery supply filter capacitor. Metering pulse cancellation buffer output. TTX filter network should be connected to this point. If not used should be left open. Metering pulse buffer input this signal is sent to the line and used to perform TTX filtering. Metering burst shaping external capacitor. Metering burst shaping external capacitor. Metering pulse clock input (12 KHz or 16KHz square wave). Frame connection. Must be shorted to VBAT. Not connected.
24 1 2 3 4 5 8 6 7 33 12 13 10 11 9 44 38,39, 40
RSENSE D0 D1 D2 P1 P2 DET DET1 DET2 CSVR RTTX FTTX CTTX1 CTTX2 CKTTX VBAT1 NC
FUNCTIONAL DESCRIPTION The STLC3065 is a device specifically developed for WLL application. It is based on a SLIC core, on purpose optimised for this application, with the addition of a DC/DC converter controller and a dual port in order to fulfil the WLL requirements. The SLIC core performs the standard feeding, signalling and transmission functions. It can be set in three different operating modes via the D0, D1, D2 pins of the control logic interface (0 to 3.3V logic levels). The loop status is carried out on the DET pin (active low).The DET pin is an open drain output to allow easy interfacing with both 3.3V and 5V logic levels. The three possible SLIC core operating modes are: Power Down (PWD)
4/27
Active Ringing Table 1 shows how to set the different SLIC core operating modes. Table 1. SLIC core operating modes.
D0 0 0 0 1 1 1 D1 0 1 1 1 1 0 D2 X 0 1 0 1 0/1 Operating Mode Power Down Active Normal Polarity Active Reverse Polarity Active TTX injection (N.P.) Active TTX injection (R.P.) Ring (D2 bit toggles @ fring)
STLC3065
FUNCTIONAL DIAGRAM
CONTROL INTERFACE
SLIC core SW4T Tip1 Ring1 SW1T SW2T Tip2 SW2R Ring2 SW3T SW1T
TX RX
SW4R SW6R
300A
SW5R
SW3R
300A
DC/DC converter controller
The STLC3065 operating modes will be obtained as combination of the SLIC core status and the dual port configuration. The DC/DC converter controller is driving an external power MOS transistor (P-Channel) in order to generate the negative battery voltage needed for device operation. The DC/DC converter controller is synchronised with an external CLK (125KHz typ.). From version marked STLC3065 A5, it can be synchronised to an internal clock generated when the pin CLK is connected to CVCC. One sensing resistor in series to Vpos supply allows to fix the maximum allowed input peak current. This feature is implemented in order to avoid overload on Vpos supply in case of line transient (ex. ring trip detection). The typical value is obtained for a sensing resistor equal to 110m that will guarantee an average current consumption from Vpos < 700mA. In on-hook condition the self generated battery voltage is set to a predefined value. This value can be adjusted via one external resistor (RF1) and it is typical -50V. When RING mode is selected this value is increased up to -70V typ. Once the line goes in off-hook condition the DC/DC converter automatically adjust the generated battery voltage in order to feed the line with
a fixed DC current (programmable via RLIM) optimising in this way the power dissipation. The Dual Port allows to connect the SLIC core to one of the two possible 2W ports (TIP1/RING1, TIP2/RING2). Dual port concept One switches array integrated in STLC3065 allows to connect the TIP and RING output of the SLIC core to one of the two 2W ports (TIP1/RING1 or TIP2/RING2). For special conditions it is also possible to connect both ports to the SLIC core.The structure of the switches array is shown in fig.1 and it is controlled via the two logic inputs P1 and P2. Depending on the switches configurations each 2W port (TIP1/RING1 or TIP2/RING2) can be set in four possible conditions: Open Connected to BGND and Battery via two integrated 1.5K resistors. Connected to the SLIC core Connected to an internal 300A (min.) current source. Depending on the SLIC core operating modes (defined by D0,D1 and D2) only a subset of these conditions can be programmed.
5/27
STLC3065
Figure 1. Dual Port Concept.
BGND
R1
R1
Sw4T
Sw3T
Tip Line
Sw1T TIP1 Sw1R RING1 Sw2T
LINE1
Driver Ring
TIP2
Sw2R
LINE2
RING2
Sw6R
Sw5R
Sw3R
Sw4R R1 R1
300A
Is2
Is1
300A
R1 = 1500 ohm
VBAT
Table 2. Dual Port control.
D0 0 0 0 0 X X X X 1 1 1 1 D1 0 0 0 0 1 1 1 1 0 0 0 0 D2 X X X X X X X X X X X X P1 0 1 0 1 0 1 0 1 0 1 0 1 P2 0 1 1 0 0 1 1 0 1 1 1 0 OPER. MODE Power Down High Z feed. Power Down/ High Z feed. High Z feed. Power Down ACTIVE ACTIVE ACTIVE ACTIVE RING RING RING RING LINE 1 Open LINE 2 Open DET off-hook line 1+2 off-hook line 2 off-hook line 1 off-hook line 1+2 off-hook line 2 off-hook line 1 Ring-trip line 1+2 Ring-trip line 2 Ring-trip line 1 DET1 off-hook line 1 off-hook line 1 DET2 off-hook line 2 off-hook line 2 -
To P.S. via To P.S. via Res. Res. Open To P.S. via Res. To Buffer 300A bias To Buffer To P.S. via Res. Open
300A bias 300A bias To Buffer To Buffer 300A bias
300A bias 300A bias To Buffer 300A bias To Buffer To Buffer To Buffer 300A bias
6/27
STLC3065
Where:
"Open": "To P.S. via Res": the line port termination is in high impedance. the TIP(n) wire is connected to BGND through a 1500 resistor , the RING(n) wire is connected to VBAT by a 1500 resistor. The current flowing in the second resistor is used to detect the off-hook . the TIP(n) wire and RING(n) wire are connected to the SLIC core line driver and the offhook detection is performed using the SLIC core supervision circuit that drives the DET output. the TIP(n) wire is connected to BGND through a 1500 resistor , the RING(n) wire is biased by a 300A current generator to negative battery (Vbat)
"To Buffer":
"300A bias":
Note: see also Appendix C
Table 2 shows all the possible combinations between switches configurations and operating modes. A detailed description of each configuration can be found in the "OPERATING MODES" description section.
High Impedance Feeding (HI-Z)
D0 0 0 0 D1 0 0 0 D2 X X X P1 1 0 1 P2 1 1 0 DET off/hk line 1+2 off/hk line 2 off/hk line 1 DET1 off/hk line 1 disable off/hk line 1 DET2 off/hk line 2 off/hk line 1 disable
OPERATING MODES Power Down (PWD)
D0 0 D1 0 D2 X P1 0 P2 0 DET DET1 DET2
disable disable disable
DC CHARACTERISTIC & SUPERVISION When this mode is selected both 2W ports (TIP1/RING1 and TIP2/RING2) are in high impedance; all switches Sw1 to Sw6 are open (see fig.1) The SLIC core is switched off and the line detectors are disabled therefore the off-hook condition cannot be detected. This mode can be selected in emergency condition when it is necessary to cut any current delivered to the line. This mode is also forced by STLC3065 in case of thermal overload (Tj > 140C). In this case the device goes back to the previous status as soon as the junction temperature decrease under the hysteresis threshold.
AC CHARACTERISTICS Both the 2W ports (TIP1/RING1 and TIP2/RING2) are set in high impedance, the TX output buffer is a low impedance output, no AC transmission is possible.
DC CHARACTERISTIC & SUPERVISION This operating mode is normally selected when the telephone is in on-hook in order to monitor the line status keeping the power consumption at the minimum. The SLIC core of STLC3065 is in PWD mode (see fig.1 or FUNCTIONAL DIAGRAM); the two line series switches (Sw1; Sw2) are open. Depending on P1, P2 the 2W ports (TIP1/RING1 and TIP2/RING2) can be in high impedance or connected to the built in feeding resistors (2x1500) via SW3T and SW5R or SW4T and SW6R. P1 controls TIP1/RING1 and P2 controls TIP2/RING2 (see Fig.1 and Table 2). When this mode is selected normally both P1, P2 bits should be set to one. The output voltage in on-hook condition is equal to the self generated battery voltage (-50V typ). When off-hook occurs on 2W port 1 (2) the current flowing through the RING1(2) wire activates the DET1 (2_) detector indicating the line status change. When DET1 or DET2 are activated also the DET become active (low logic level). The off-hook threshold in HI-Z mode is the same value programmed in ACTIVE mode. The DC characteristic in HI-Z mode is just equal to the self generated battery with 2x(1500W+Rp)
7/27
STLC3065
in series (see fig.2), where Rp is the external protection resistance. It should be noted that in case of both ports in HIZ mode and both of them in off-hook condition the power dissipated inside the chip could drive the device in thermal protection. This can be prevented via a proper software control that should avoid to keep as a steady condition both lines in off-hook and HI-Z mode. Typical operation is to set the SLIC core in active mode as soon as offhook is detected. Figure 2. DC characteristic in HI-Z mode.
IL Vbat 2x(R1+Rp)
Slope: 2x(R1+Rp) (R1=1500ohm)
VL Vbat (-50V)
P1,P2 = (1,0) or (0,1). (see Fig.1 and Table 2). The unselected port is anyway DC biased being TIP wire connected to BGND via a 1600W resistor and the RING wire connected to a 300mA (min.) current source connected to Vbat. It should be noted that since Vbat is self generated by the STLC3065 and it is tracking the line voltage depending on the loop resistance connected to the selected port its voltage can range typically from -12V to -50V. The unselected port status (on/off hook) cannot be detected. For special configurations it is also possible to set ACTIVE mode with both port selected (P1,P2=1,1) or both unselected (P1,P2=0,0). Considering now the selected port, this is connected to the SLIC core. The STLC3065 feeds the line with a constant current fixed by RLIM (20mA to 40mA range). The on-hook voltage is typically 40V allowing on-hook transmission; the self generated Vbat is -52V typ. If the loop resistance is very high and the line current cannot reach the programmed constant current feed value, the STLC3065 behaves like a 40V voltage source with a series impedance equal to the protection resistors 2xRp(typ. 2x41) plus the line series switches (Sw1 or Sw2) on resistance 2xRsw (typ. 2x9). Fig.3 shows the typical DC characteristic in ACTIVE mode. Figure 3. DC characteristicin ACTIVE mode
IL Ilim (20 to 40mA)
2Rp+2Rsw (100ohm typ.)
AC CHARACTERISTICS The AC impedance shown at the 2W ports (TIP1/RING1 and TIP2/RING2) is the same as the DC one. Depending on the P1, P2 bits the TIP1/RING1 and TIP2/RING2 AC impedance will be 2x(1500 + Rp) or high impedance. Active
D0 X X X X D1 1 1 1 1 D2 X X X X P1 0 1 0 1 P2 0 1 1 0 DET DET1 DET2
disable disable disable off/hk disable disable line 1+2 off/hk line 2 off/hk line 1 disable disable disable disable
10V Vbat (-50V)
VL
DC CHARACTERISTICS & SUPERVISION When this mode is selected it is because one connected telephone goes off-hook and the STLC3065 is providing both DC feeding and AC transmission. The SLIC core is in ACTIVE mode and normally only one of the two port should be connected to it:
8/27
The line status (on/off hook) is monitored by the SLIC core Supervision circuit. The off-hook threshold can be programmed via the external resistor RTH in the range from 5mA to 9mA. When the line goes in off-hook condition the built in DC/DC converter controller set properly the Vbat supply in order to keep the loop current fixed to the programmed value. Independently on the programmed constant current value, the TIP and RING buffers have a current source capability limited to 70mA typ.
STLC3065
Moreover the power available at Vbat is controlled by the DC/DC converter that limits the peak current drawn from the Vpos supply. The maximum allowed current peak is set by the RSENSE resistor and it is typically 900mApk. AC CHARACTERISTICS The SLIC core provides the standard SLIC transmission functions: Input impedance synthesis: can be real or complex and is set by a scaled (x50) external ZAC impedance. Transmit and receive: The AC signal present on the 2W port (TIP/RING) is transferred to the TX output with a -6dB gain and from the RX input to the 2W port with a 0dB gain. 2 to 4 wire conversion: The balance impedance can be real or complex, the proper cancellation is obtained by means of two external impedance ZA and ZB. Once in Active mode (D1=1) the SLIC core can operate in different states setting properly D0 and D2 control bits (see also Table3).
D0 0 0 1 1 D1 1 1 1 1 D2 0 1 0 1 Operating state Active Normal Polarity Active Reverse Polarity Active TTX injection (N.P.) Active TTX injection (R.P.)
When the control pins set battery reversal the line polarity is reversed with a proper transition time set via an external capacitor (CREV). METERING PULSE INJECTION (TTX) The metering pulses circuit consist of a burst shaping generator that gives a square wave shaped and a low pass filter to reduce the harmonic distortion of the output signal. The metering pulse is obtained starting from two logic signals: CKTTX: is a square wave at the TTX frequency (12 or 16KHz) and should be permanently applied to the CKTTX pin or at least for all the duration of the TTX pulse (including rising and decay phases). D0: enable the TTX generation circuit and define the TTX pulse duration. This two signals are then processed by a dedicated circuitry integrated on chip that generate the metering pulse as an amplitude modulated shaped squarewave (SQTTX) (see fig.5). Both the amplitude and the envelope of the squarewave (SQTTX) can be programmed by means of external components. In particular the amplitude is set by the two resistors RLV and the shaping by the capacitor CS. The waveform so generated is then filtered and injected on the line. The low pass filter can be obtained using the integrated buffer OP1 connected between pin FTTX (OP1 non inverting input) and RTTX (OP1 output) (see fig.5) and implementing a "Sallen and Key" configuration. Depending on the external components count it is possible to build an optimised application depending on the distortion level required. In particular harmonic distortion levels equal to 13%, 6% and 3% can be obtained respectively with first, second and third order filters (see fig.5). The circuit shown in the "Application diagram" is related to the simple first order filter. Once the shaped and filtered signal is obtained at RTTX buffer output it is injected on the TIP/RING pins with a +6dB gain. It should be noted that this is the nominal condition obtained in presence of ideal TTX echo cancellation (obtained via proper setting of RTTX and CTTX). In addition the effective level obtained on the line will depend on the line impedance, the protection resistor value and the series switch (SW1 or SW2) on resistance. In the typical application (TTX line impedance =200 , RP=41, SW1,2 on resistance = 9 and ideal TTX echo cancellation) the metering pulse level on the line will be 1.33 times the level applied to the RTTX pin.
9/27
POLARITY REVERSAL The D2 bit controls the line polarity, the transition between the two polarities is performed in a "soft" way. This means that the TIP and RING wire exchange their polarities following a ramp transition (see fig.4). The transition time is controlled by an external capacitor CREV. This capacitor is also setting the shape of the ringing trapezoidal waveform. Figure 4. TIP/RING typical transition from Direct to Reverse Polarity
GND TIP
4V typ.
40V typ ON-HOOK
dV/dT set by CREV RING
STLC3065
Figure 5. Metering pulse generation circuit.
Low Pass Filter
CTTX1
C1
RLV BURST
SHAPING GENERATOR
CS
SQTTX
R1 CFL
R2 FTTX OP1
+
RTTX
C2 Sinusoidal wave pulse metering
RLV
CTTX2 D0 CKTTX
Required external components vs. filter order.
Order CFL 1 2 X
R1
C!
R2
C2
THD 13%
X X X
X X
X X
X X
6% 3%
Square wave pulse metering
3
As already mentioned the metering pulse echo cancellation is obtained by means of two external components (RTTX and CTTX) that should match the line impedance at the TTX frequency. This simple network has a double effect: Synthesise a low output impedance at the TIP/RING pins at the TTX frequency. Cut the eventual TTX echo that will be transferred from the line to the TX output. Ringing
D0 1 1 1 D1 0 0 0 D2 0/1 @fr 0/1 @fr 0/1 @fr P1 1 0 1 P2 1 1 0 DET DET1 DET2
Figure 6. TIP/RING typical ringing waveform
GND TIP
2.5V typ.
65V typ.
dV/dT set by CREV RING VBAT
2.5V typ.
RTrip disable disable line 1+2 RTrip line 2 RTrip line 1 disable disable disable disable
When this mode is selected STLC3065 self generate an higher negative battery (-70V typ.) in order to allow a balanced ringing signal of typically 62Vpeak. The SLIC core is set in ring mode via the control inputs D0 and D1 set respectively to 0 and 1. In this condition both the DC and AC feedback loop are disabled and the SLIC core line drivers operate as voltage buffers. The ring waveform is obtained toggling the D2 control bit at the desired ring frequency. This bit in fact controls the line polarity (0=direct; 1=reverse). As in the ACTIVE mode the line voltage transition is performed with a ramp transition, obtaining in
10/27
this way a trapezoidal balanced ring waveform (see fig.6). The shaping is defined by the CREV external capacitor. Selecting the proper capacitor value it is possible to get different crest fattor values. The following table shows the crest factor values obtained with a 20Hz and 25Hz ring frequency and with 1REN. This value are valid either with European or USA specification:
CREV 22nF 27nF 33nF CREST FACTOR @20Hz 1.2 1.25 1.33 CREST FACTOR @25Hz 1.26 1.32 Not significant (*)
(*)Distorsion already less than 10%.
STLC3065
Depending on the P1,P2 control bits the ring waveform can be applied to both 2W ports (TIP1/RING1 and TIP2/RING2) or to one of the two (see also table2). The ring trip detection is performed sensing the variation of the AC line impedance from on hook (relatively high) to off-hook (low). This particular ring trip method allows to operate without DC offset superimposed on the ring signal and therefore obtaining the maximum possible ring level on the load starting from a given negative battery. It should be noted that such a method is optimised for operation on short loop applications and may not operate properly in presence of long loop applications (>500). Once ring trip is detected, the DET output is activated (logic level low), at this point the card controller or a simple logic circuit should stop the D2 toggling in order to effectively disconnect the ring signal and then set the STLC3065 in the proper operating mode (Normally ACTIVE). RING LEVEL IN PRESENCE OF MORE TELEPHONE IN PARALLEL. As already mentioned above the maximum current that can be drawn from the Vpos supply is controlled and limited via the external RSENSE. This will limit also the power available at the self generated negative battery. If for any reason the ringer load will be too high the self generated battery will drop in order to keep the power consumption to the fixed limit and therefore also the ring voltage level will be reduced. In the typical application with RSENSE = 110mW the peak current from Vpos is limited to about 900mA, which correspond to an average current of 700mA max. In this condition the STLC3065 can drive up to 3REN with a ring frequency fr=25Hz (1REN = 1800 + 1.0F, European standard). In order to drive up to 5REN (1REN= 6930 + 8mF, US standard) it is necessary to modify the external components as follows: CREV = 15nF RD = 2.2 K In case this power up sequence cannot be guaranteed, it's recommended to connect a shottky diode (BAT46 or equivalent) between VBAT and BGND (see figure 7). Figure 7. Shottky diode connection
BGND
STLC3065
VBA T
BAT46
Power On Requirements In order to avoid damage to the device when Vpos is first applied it is recommended to keep all the logic inputs to a low logic level (0V) until Vpos is > 5.5V.
Layout Recommendation A properly designed PCB layout is a basic issue to guarantee a correct behaviour and good noise performances. Particular care must be taken on the ground connection and in this case the star configuration allows surely to avoid possible problems (see Application Diagram Fig. 8). The ground of the power supply (VPOS) has to be connected to the center of the star, let's call this point PGND. This point should show a resistance as low as possible, that means it should be a ground plane. Noise sources can be identified in not enough good grounds, not enough low impedance supplies and parasitic coupling between PCB tracks and high impedance pins of the device. In particular, to avoid noise problems, layout should prevent any coupling between the DC/DC converter components and analog pins that are referred to AGND (ex: RD, IREF, RTH, RLIM, VF). As a first reccomendation the components CV, L, D1, CVPOS, RSENSE should be kept as close as possible to each other and isolated from the other components. Additional improvements can be obtained: decoupling the center of the star from the analog ground of STLC3065 using small chokes. adding a capacitor in the range of 100nF between VPOS and AGND in order to filter the switch frequency on VPOS.
11/27
STLC3065
External Components List In order to properly define the external components value the following system parameters have to be defined: The AC input impedance shown by the SLIC at the line terminals "Zs" to which the return loss measurement is referred. It can be real (typ. 600) or complex. The AC balance impedance, it is the equivalent impedance of the line "Zl" used for evaluation of the trans-hybrid loss performances (2/4 wire conversion). It is usually a complex impedance. The value of the two protection resistors Rp in series with the line termination. The line impedance at the TTX frequency "Zlttx". The metering pulse level amplitude measured at line termination "V LOTTX". In case of low order filtering, VLOTTX represents the amplitude (Vrms) of the fundamental frequency component. (typ 12 or 16KHz). Pulse metering envelope rise and decay time constant "t". The slope of the ringing waveform "VTR/T". The value of the constant current limit current "Ilim". The value of the off-hook current threshold "ITH". The value of the ring trip rectified average threshold current "I RTH". The value of the required self generated negative battery "V BATR" in ring mode (max value is 70V). This value can be obtained from the desired ring peak level +5V. The value of the maximum current peak sunk from Vpos "IPK".
12/27
STLC3065
EXTERNAL COMPONENTS
Name RREF CSVR RD CAC RP RS ZAC ZA (1) ZB (1) CCOMP CH RLIM RTH CREV RTTX (3) CTTX (3) RLV CS CFL Function Bias setting current Negative Battery Filter Ring Trip threshold setting resistor AC/DC split capacitance Line protection resistor Protection and series switches resistance image Two wire AC impedance SLIC impedance balancing network Line impedance balancing network AC feedback loop compensation Trans-Hybrid Loss frequency compensation Current limiting programming Off-hook threshold programming (ACTIVE mode) Reverse polarity transition time programming Pulse metering cancellation resistor Pulse metering cancellation capacitor Pulse metering level resistor Pulse metering shaping capacitor Pulse metering filter capacitor Rp > 30 RS = 100 (Rp + 9) ZAC = 50 (Zs - 2Rp - 18) ZA = 50 Zs ZB = 50 Zl CCOMP = 1/(2fo100(RP+9)) fo = 250kHz CH = CCOMP RLIM = 1300/Ilim 32.5k < RLIM < 65k RTH = 260/ITH 27k < RTH < 52k CREV = (1/3750) T/VTR) RTTX = 50Re[(Zlttx+2Rp+18)] CTTX = 1/{502fttx[-lm(Zlttx)]} RLV = 63.3103VLOTTX = (|Zlttx + 2Rp + 18|/|Zlttx|) CS = /(2RLV) CFL = 2/(2fttxRLV) Formula RREF = 1.3/Ibias Ibias = 50A CSVR = 1/(2 fp 1.8M) fp = 50Hz RD = 100/IRTH 2K < RD < 5K Typ. Value 26k 1% 1.5nF 10% 100VL 4.12k 1% @ IRTH = 24mA 22F 20% 15VL @ RD = 4.12k 41 1% 5k @ Rp = 41 25k 1% @ Zs = 600 30k 1% @ Zs = 600 30k 1% @ Zl = 600 120pF 10% 10VL @ Rp = 41 120pF 10% 10VL 52.3k 1% @ Ilim = 25mA 28.7k 1% @ITH = 9mA 22nF 10% 10V @ 12V/ms 15k @Zlttx = 200 real 100nF 10% 10V (2) @ Zlttx = 200 real 27k 1% @ VLOTTX = 275mVrms 100nF 10% 10V @ = 6ms, RLV = 27.1k 1nF 10% 10V @fttx = 12kHz RLV = 27k 100k 100nF 20% 10V 100F(4)
RDD CVCC CVpos
Pull up resistors Internally supply filter capacitor Positive supply filter capacitor with low impedance for switch mode power supply Battery supply filter capacitor with low impedance for switch mode power supply High frequency noise filter
CV
100F 20% 100V (5)
CVB
470nF 20% 100VL
13/27
STLC3065
EXTERNAL COMPONENTS (continued)
Name CRD (6) Q1 Function High frequency noise filter DC/DC converter switch P ch. MOS transistor RDS(ON)1.2,VDS = -100V Total gate charge=20nC max. with VGS=4.5V and VDS=1V ID>500mA Vr > 100V, tRR 50ns RSENSE = 100mV/IPK DC Resistance 0.1 (9) Formula Typ. Value 100nF 10% 15VL Possible choiches: IRF9510 or IRF9520 or IRF9120 or equivalent SMBYW01-200 or equivalent 110m @IPK = 900mA L=125H RFP1304PV (Manuf.: All Inductive) or SUMIDA CDRH125 or equivalent 220pF to 470pF (10) 250KD1 RSENSE L (8)
DC/DC converter series diode DC/DC converter peak current limiting DC/DC converter inductor
CF1 RF1 RF2
DC/DC converter feedback loop stability Negative battery programming level Negative battery programming level
(1) In case Zs=Zl, ZA and ZB can be replaced by two resistors of same value: RA=RB=|Zs|. (2) In this case CTTX is just operating as a DC decoupling capacitor (fp=100Hz). (3) Defining ZTTX as the impedance of RTTX in series with CTTX, RTTX and CTTX can also be calculated from the following formula: ZTTX=50*(Zlttx+2Rp+18). (4) CVpos should be defined depending on the power supply current capability and maximum allowable ripple. (5) For low ripple application use 2x47F in parallel. (6) Can be saved if proper PCB layout avoid noise coupling on RD pin (high impedance input). (7) RF1 sets the self generated battery voltage in RING and ACTIVE(Il=0) mode as follows:
267k VBAT(ACTIVE) VBATR(RING) -46V -62V
280k -48V -65V
294kW -49V -68V
300k -50V -70V
VBATR should be defined considering the ring peak level required (Vringpeak=VBATR-6V typ.). The above relation is valid provided that the Vpos power supply current capability and the RSENSE programming allow to source all the current requested by the particular ringer load configuration. (8) Core: MICROMETALS T50-26C IRON POWDER, AL-VALUE 61nH/N2 Current rating: 2A (50/60Hz) Operating Temperature -25 to +60 Centigrades Inductance: 14H +/-15% at 1KHz, 1mA DC resistance of winding: MAX.100 mOhm Code: RFY1303 Wire: UEW2, 0,60 mm Turns: 50 Inductance (f=1KHz): >125H (9) For high efficiency in HI-Z mode coil resistance @125kHz must be <3ohm (10) Function of this capacitor is to introduce a zero at the resonance frequency for loop stability. In case some parasitic resistance are already present in the loop (Coil, CVBAT, PCB layout), the presence of this capacitor can degrade the device noise performances; in this case CF1 should be removed being the loop stability already guaranteed by the parasitic resistance.
14/27
STLC3065
Figure 8. Application diagram.
VPOS CVPOS
CVCC RX TX
RSENSE
RS
RX RS ZAC
TX
AGND BGND
CVCC
VPOS RSENSE GATE VBAT1 VBAT CVB CF1 D1 RF1 CV RF2 L Q1
CCOMP ZAC ZA
ZAC1
ZB VDD CH ZB VF
RDD DET DET1 DET2 CONTROL INTERFACE D0 D1 D2 P1 P2 TTX CLOCK RLV CTTX1 RLV CS CTTX2 FTTX CFL RTTX RD RTTX CAC ILTF RD DET DET1 DET2 D0 D1 D2 P1 P2 CKTTX
CLK TIP1
CLK RP TIP1 RP RING1 RP TIP2 RP RING2
STLC3065
RING1 TIP2 RING2 CSVR CREV CREV RTH RLIM RLIM IREF RTH
CSVR
CRD
RREF
D96TL252E
CTTX BGND SUPPLY GND SUGGESTED GROUND LAY-OUT AGND PGND
CAC
15/27
STLC3065
ELECTRICAL CHARACTERISTICS Test conditions: Vpos = 6.0V, AGND = BGND, Normal Polarity, Tamb = 25C. External components as listed in the "Typical Values" column of EXTERNAL COMPONENTS Table. Note: Testing of all parameter is performed at 25C. Characterisation as well as design rules used allow correlation of tested performances at other temperatures. All parameters listed here are met in the operating range: -40 to +85C.
DC CHARACTERISTICS Symbol Vlohi Parameter Line voltage Test Condition Il = 0, HI-Z (High impedance feeding) T amb = 0 to 85C Il = 0, HI-Z (High impedance feeding) T amb = -40 to 85C Il = 0, ACTIVE T amb = 0 to 85C Il = 0, ACTIVE T amb = -40 to 85C Min. 44 Typ. 50 Max. Unit V
Vlohi
Line voltage
42
48
V
Vloa Vloa Ilim Ilima
Line voltage Line voltage
33 31 20 -10
40 37 40 10
V V mA mA
Lim. current programming range ACTIVE mode Lim. current accuracy ACTIVE mode. Rel. to programmed value 20mA to 40mA HI-Z (High Impedance feeding)
Rfeed HI Zrx
Feeding resistance RX port input impedance
2.4 280
3.6
k k
AC CHARACTERISTICS L/T Long. to transv. (see Appendix for test circuit) Transv. to long. (see Appendix for test circuit) Transv. to long. (see Appendix for test circuit) 2W return loss Trans-hybrid loss Rp = 41, 1% tol., ACTIVE N. P., R L = 600 (*) f = 300 to 3400Hz Rp = 41, 1% tol., ACTIVE N. P., R L = 600 (*) f = 300 to 3400Hz Rp = 41, 1% tol., ACTIVE N. P., R L = 600 (*) f = 1kHz 300 to 3400Hz, ACTIVE N. P., R L = 600 (*) 300 to 3400Hz, 20Log|VRX/VTX|, ACTIVE N. P., R L = 600 (*) at line terminals on ref. imped. ACTIVE N. P., R L = 600 (*) ACTIVE N. P., R L = 600 (*) 0dBm @ 1020Hz, ACTIVE N. P., R L = 600 (*) 0dBm @ 1020Hz, ACTIVE N. P., R L = 600 (*) rel. 1020Hz; 0dBm, 300 to 3400Hz, ACTIVE N. P., R L = 600 (*) 48 50 dB
T/L
40
45
dB
T/L
48
53
dB
2WRL THL
22 30
26
dB dB
Ovl TXoff G24 G42 G24f
2W overload level TX output offset Transmit gain abs. Receive gain abs. TX gain variation vs. freq.
10 -150 -6.4 -0.4 -0.12 150 -5.6 0.4 0.12
dBm mV dB dB dB
16/27
STLC3065
ELECTRICAL CHARACTERISTICS (continued)
Symbol G42f Parameter RX gain variation vs. freq. Test Condition rel. 1020Hz; 0dBm, 300 to 3400Hz, ACTIVE N. P., R L = 600 (*) psophometric filtered ACTIVE N. P., R L = 600 (*) T amb = 0 to +85C psophometric filtered ACTIVE N. P., R L = 600 (*) T amb = -40 to +85C psophometric filtered ACTIVE N. P., R L = 600 (*) T amb = 0 to +85C psophometric filtered ACTIVE N. P., R L = 600 (*) T amb = -40 to +85C ACTIVE N. P., R L = 600 (*) ACTITIVE - TTX Zl = 200 fttx = 12kHz 200 -10% ACTIVE, odBm0 @ 1020Hz, RL = 600 250 125 -20 10% Min. -0.12 Typ. Max. 0.12 Unit dB
V2Wp
Idle channel noise at line
-73
-68
dBmp
V2Wp
Idle channel noise at line
-68
dBmp
V4Wp
Idle channel noise at line
-75
-70
dBmp
V4Wp
Idle channel noise at line
-75
dBmp
Thd VTTX CLKfreq AIS
Total Harmonic Distortion Metering pulse level on line CLK operating range Insolation between 2-wire ports
-46
dB mVrms kHz dB
(*) RL: Line Resistance
RING Vring Line voltage RING D2 toggling @ fr = 25Hz Load = 3REN; Crest Factor = 1.25 1REN = 1800 + 1.0F T amb = 0 to +85C RING D2 toggling @ fr = 25Hz Load = 3REN; Crest Factor = 1.25 1REN = 1800 + 1.0F T amb = -40 to +85C RING Mode on Port1 45 49 Vrms
Vring
Line voltage
44
48
Vrms
LIS
Insolation between 2-wire ports
-50
dBmp
DETECTORS IOFFTHA ROFTHA IONTHA RONTHA IOFFTH I ROFFTHI Off/hook current threshold Off/hook loop resistance threshold On/hook current threshold On/hook loop resistance threshold Off/hook current threshold Off/hook loop resistance threshold ACT. mode, RTH = 28.7k 1% (Prog. ITH = 9mA) ACT. mode, RTH = 28.7k 1% (Prog. ITH = 9mA) ACT. mode, RTH = 28.7k 1% (Prog. ITH = 9mA) ACT. mode, RTH = 28.7k 1% (Prog. ITH = 9mA) Hi Z mode, RTH = 28.7k 1% (Prog. ITH = 9mA) Hi Z mode, RTH = 28.7k 1% (Prog. ITH = 9mA) 8 10.5 800 10.5 3.4 6 mA k mA k mA
17/27
STLC3065
ELECTRICAL CHARACTERISTICS (continued)
Symbol IONTHI RONTHI Irt Irta Trtd Td Rlrt (1) ThAl Parameter On/hook current threshold On/hook loop resistance threshold Ring Trip detector threshold range Ring Trip detector threshold accuracy Ring trip detection time Dialling distortion Loop resistance Tj for th. alarm activation 160 Test Condition Hi Z mode, RTH = 28.7k 1% (Prog. ITH = 9mA) Hi Z mode, RTH = 28.7k 1% (Prog. ITH = 9mA) RING RING RING ACTIVE -1 8 20 -15 TBD 1 500 50 15 Min. Typ. Max. 6 Unit mA k mA % ms ms C
(1) Rlrt = Maximum loop resistance (incl. telephone) for correct ring trip detection.
DIGITAL INTERFACE INPUTS: D0, D1, D2, P1, P2,CLK OUTPUTS: DET, DET1, DET2 Vih Vil Iih Iil Vol In put high voltage Input low voltage Input high current Input low current Output low voltage Iol = 1mA -10 -10 2 0.8 10 10 0.45 V V A A V
PSRR AND POWER CONSUMPTION PSRRC Ivpos Power supply rejection Vpos to 2W port Vpos supply current @ ii = 0 Vripple = 100mVrms 50 to 4000Hz HI-Z On-Hook ACTIVE On-Hook, RING (line open) RING Off-Hook RSENSE = 110m -20% 26 36 52 93 120 950 60 115 140 +20% dB mA mA mA mApk
Ipk
Peak current limiting accuracy
18/27
STLC3065
APPENDIX A
STLC3065 Test Circuits Referring to the application diagram shown in fig. 8 of the STLC3065 datasheet and using as external components the Typ. Values specified in the "External Components" Table (page 16) find below the proper configuration for each measurement. All measurements requiring DC current termination should be performed using "Wandel & Goltermann DC Loop Holding Circuit GH-1" or equivalent.
Figure A1. 2W Return Loss 2WRL = 20Log(|Zref + Zs|/|Zref-Zs|) = 20Log(E/2Vs)
W&G GH1 Zref TIP1/TIP2 600ohm 100F Vs 1Kohm E
100mA DC max Zin = 100K 200 to 6kHz
TX
STLC3065 application circuit
1Kohm
100F RING1/RING2 RX
Figure A2. THL Trans Hybrid Loss THL = 20Log|Vrx/Vtx|
W&G GH1 TIP1/TIP2 100F
100mA DC max Zin = 100K 200 to 6kHz
TX Vtx
600ohm
STLC3065 application circuit
100F RING1/RING2 RX Vrx
19/27
STLC3065
Figure A3. G24 Transmit Gain G24 = 20Log|2Vtx/E|
W&G GH1 TIP1/TIP2 100F
100mA DC max Zin = 100K 200 to 6kHz
TX Vtx
600ohm
STLC3065 application circuit
E 100F RING1/RING2 RX
Figure A4. G42 Receive Gain G42 = 20Log|Vl/Vrx|
W&G GH1 TIP/1TIP2 100F Vl 600ohm
100mA DC max Zin = 100K 200 to 6kHz
TX
STLC3065 application circuit
100F RING1/RING2 RX Vrx
Figure A5. PSRRC Power supply rejection Vpos to 2W port PSSRC = 20Log|Vn/Vl|
W&G GH1 TIP1/TIP2 100F Vl 600ohm
100mA DC max Zin = 100K 200 to 6kHz
TX
STLC3065 application circuit
100F RING1/RING2 VPOS RX
~
Vn
20/27
STLC3065
Figure A6. L/T Longitudinal to Transversal Conversion L/T = 20Log|Vcm/Vl|
W&G GH1 300ohm 100F TIP1/TIP2 100F
100mA DC max
TX
Impedance matching better than 0.1%
Vcm
Vl
Zin = 100K 200 to 6kHz
STLC3065 application circuit
100F RING1/RING2 RX
300ohm
100F
Figure A7. T/L Transversal to Longitudinal Conversion T/L = 20Log|Vrx/Vcm|
300ohm
100F
W&G GH1 TIP1/TIP2 100F
100mA DC max
TX
Impedance matching better than 0.1%
Zin = 100K 200 to 6kHz
STLC3065 application circuit
600ohm
Vcm
100F RING1/RING2 RX Vrx
300ohm
100F
Figure A8. VTTX Metering Pulse level on line
TIP1/TIP2
TX
Vlttx 200ohm
STLC3065 application circuit
RING1/RING2 CKTTX
RX
fttx (12 or 16kHz)
21/27
STLC3065
Figure A9. V2Wp and W4Wp: Idle channel psophometric noise at line and TX. V2Wp = 20Log|Vl/0.774l|;V4Wp = 20Log|Vtx/0.774l|
W&G GH1 TIP1/TIP2 100F
100mA DC max Zin = 100K 200 to 6kHz
TX Vtx psophometric filtered
600ohm Vl psophometric filtered
STLC3065 application circuit
100F RING1\RING2 RX
Figure A10. AIS Isolation between 2 wire ports AIS = 20Log|Vais/Vl|
W&G GH1
TIP1/TIP2
100F
100mA DC max Zin = 100K 200 to 6kHz
TX
Vl
600ohm
STLC3065 application circuit
RING1/RING2
100F
100F TIP2/TIP1 RX Vais 600ohm 100F RING2/RING1 Vrx
22/27
STLC3065
Figure A11. Vring, Vlis: Ring Voltage and port isolation
TIP1/TIP2 1F
TX
Vring (true rms meter)
1800ohm
STLC3065 application circuit
RING1/RING2
100F TIP2/TIP1 RX 600ohm Vlis (psophometric meter) 100F RING2/RING1
D2 fring (25Hz)
23/27
STLC3065
APPENDIX B
STLC3065 OVERVOLTAGE PROTECTION Figure B1. Simplified configuration for indoor overvoltage protection
BGND
STLC3065
TIP1 2x SM4T39RX RING1 TIP2 RING2 VBAT RP1 RP1 RP1 RP1 RP2 RP2 RP2 RP2 TIP1 RING1 TIP2 RING2
RP2: Fuse or PTC
Figure B2. Standard overloltage protection configuration for k20 compliance
BGND TIP1
RP1
RP2
TIP1
RING1 2x SM4T39RX
RP1
RP2
RING1
STLC3065
LCDP 1511
TIP2
RP1
RP2
TIP2
VBAT
RING2
RP1
RP2 RP2: Fuse or PTC
RING2
NOTE: RP2 should guarantee Ipeak < 10A: otherwise two LCP1511 maybe used
24/27
STLC3065
APPENDIX C Figure C1. Typical state diagram for the STLC3065 operation
Tj>Tth
D0=D1=P1=P2=0
P1=0, P2=1
Power Down, HI-Z Feeding
Ring Burst Line 2, D2=0/1
Power Down, Power Down
P1=P2=1
Line2On Hook, P1=0, P2=1
Line2Off Hook
Ic Feeding, Ringing
P1=1 P2=0
HI-Z Feeding, HI-Z Feeding
Line2Off Hook Line2On Hook P1=P2=1
Ic Feeding, Act Off Hook
Ring Trip Detection Line 2 Line2 Off Hook
Ring Burst
Ring Pause
HI-Z Feeding, Power Down
Line1, Off Hook Line1On Hook, P1=1, P2=0
Line2 Off Hook Ring Burst Line1 and 2, D2=0/1 SW routine (*) Ring Trip Detection Ringing, Ringing Ring Burst Off Hook Detection Ic Feeding, Act On Hook
Line1 On Hook, P1=P2=1
Act Off Hook, Ic Feeding
Line1Off Hook
Line1Off Hook Line1Off Hook Ring Burst Line 1, D2=0/1 Ring Trip Detection Line 1
Line 1 State, Line 2 State
Ringing, Ic Feeding
Ring Burst Act On Hook, Ic Feeding Ring Pause
Ring Pause
Act On Hook, Act On Hook
Note: all state transitions are under the microprocessor control. (*) = When the ringing signal is sent to both lines, the STLC3065 is not able to detect the answering line. To detect the answering line, a SW routine is needed that disables first the line 1 (forcing P1=0) and then the line 2 ( forcing P2=0) so as to detect which line is in Off Hook condition. The On Hook condition is declared when it persists for T>Tref. Ic Feeding state is referred to a constant feeding current applied to the local loop and equal to 300A.
25/27
STLC3065
26/27
STLC3065
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
27/27


▲Up To Search▲   

 
Price & Availability of STLC3065

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X